Part Number Hot Search : 
1H333 PVN012 2N5056 UV110ACL 12800 LPC11CXX TA806 RFR3607
Product Description
Full Text Search
 

To Download F920G476MAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID TANTALUM ELECTROLYTIC CAPACITORS
F92
Resin-molded Chip, Compact Series
Type numbering system (Example: 6.3V 10F)
1 2 3 4 5 6 7 8 9 10 1 1
Taping code (Refer to page 267 for details) Case code Capacitance tolerance Rated Capacitance Rated voltage Series
Adapted to the RoHS directive (2002/95/EC).
F92
0J
106M
P
Drawing
L H W1
W2 S S
(mm)
Marking
Rated Capacitance Rated Capacitance (F)
Dimensions
A Case
G226
Rated voltage (Voltage code) Rated Capacitance (Capacitance code) Rated voltage (V)
P Case
AS
B Case
22 10V
Case code P A B
L W1 2.0 0.2 1.25 0.1 3.2 0.2 1.6 0.2 3.4 0.2 2.8 0.2
W2 0.9 0.1 1.2 0.1 2.3 0.1
H 1.1 0.1 1.1 0.1 1.1 0.1
S 0.5 0.2 0.8 0.2 0.8 0.2
10 seconds reflow at 260C, 5 seconds immension at 260C Resistance to Soldering Heat
Capacitance Change... Refor to next page ( 1) Dissipation Factor...150% of Iess of initial specified value Leakage Current... Initial specified value or less Refor to next page (
1)
2.5V 4V 6.3V
e G J
10V 16V 20V
A C D
25V 35V
E V
Initial specified value or less Initial specified value or less
Capacitance code of "P" case products are as shown below.
Specifications
Item Category Temperature Range Capacitance Tolerance Dissipation Factor (120Hz) ESR (100kHz) Performance Characteristics P Case A * B Case - 55 ~ +125C (Rated temperature : 85C) 20% (at 120Hz) refer to Next Page refer to Next Page Surge
After application of surge voltage in series with a 33 (For "P" case : 1k) resistor at the rate of 30 seconds ON, 30 seconds OFF, for 1000 successive test cycles at 85C, capacitors meet the characteristics requirements listed below.
Capacitance Change... Refor to next page ( 1) Dissipation Factor...150% or Iess of initial specified value Leakage Current... Initial specified value or less After 1000hours' application of rated voltage in series with a 3 resistor at 85C, or derated voltage in series with a 3 resistor at 125C, capacitors meet the characteristic requirements listed below. Capacitance Change... Refor to next page (
1)
Initial specified value or less
* After 1 minute's application of rated voltage, leakage current
at 20C is not more than 0.01CV or 0.5A, whichever is greater.
Leakage Current
* After 1 minute's application of rated voltage, leakage current
at 85C is not more than 0.1CV or 5A, whichever is greater.
* After 1 minute's application of derated voltage, leakage current
at 125C is not more than 0.125CV or 6.3A, whichever is greater.
Capacitance Change by Temperature
Damp Heat (No voltage applied)
+15% Max. (at +125C) +20% Max. (at +125C) +15% Max. (at +85C) +10% Max. (at +85C) --15% Max. (at --55C) --10% Max. (at --55C) At 40C 90 ~ 95% R.H. 240 hours At 40C 90 ~ 95% R.H. 500 hours ... Capacitance Change Refor to next page ( 1) Refor to next page ( 1) Dissipation Factor...150% or Initial specified value or less Iess of initial specified value Leakage Current... Initial specified value or less Initial specified value or less --55C / +125C 30 minutes each 5 cycles Capacitance Change...
Refor to next page ( 1) Dissipation Factor...150% of Iess of initial specified value Leakage Current... Initial specified value or less Refor to next page (
1)
Temperature Cycles
Initial specified value or less Initial specified value or less
Standard ratings
V Cap.(F) Code
Initial specified value or less After 2000hours' application of rated voltage in series with a 3 resistor at 85C, or derated voltage in series with a 3 resistor at 125C, capacitors meet the characteristic requirements listed below. Endurance Capacitance Change... Refor to next page ( 1) Refor to next page ( 1) Dissipation Factor... Dissipation Factor...150% or Initial specified value or less less of initial specified value Leakage Current... Leakage Current... Initial specified value or less Initial specified value or less After applying the pressure load of 5N for 101 seconds horizontally to the center of capacitor side body which has no Shear Test electrode and has been soldered 5N (0.51kg f) beforehand on an aluminum substrate, For 10 1seconds there shall be found neither exfoliation nor its sign at the terminal electrode. Keeping a capacitor surface-mounted on a substrate upside down and supporting the substrate at both of the opposite bottom points 45mm apart from the center of the capacitor, the pressure strength is applied with a specified jig at the center of the 20 R230 Terminal Strength substrate so that the substrate may bend by 1mm as illustrated. Then, there shall be found no remarkable abnormality on the 45 45 capacitor terminals. As for the surge and derated voltage at 125C, refer to page 266 for details.
16 1C 20 1D P P P*A A P*A A (P) * A * B B (A) * B 25 1E 35 1V A A A B A B (B)
2.5 0E
4 0G
6.3 0J
10 1A
Capacitance code
0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220
224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227
P P P P P P A A P P P P
* *
P A *A *A *A *A P*A*B A A*B B (B)
*
P P P P P*A P*A (P) * B B B B
*
A A A
*
P
*
P
* *
P P P P P
P P P A A
* * *
A A A B B
P
*
A B A
*
*
B
A (A)
B
*
A
*
B
B
*
P P*A P*A (P) * A * B A*B (A) * B B (B)
A
* *
B
B
A A
B B
J N S W A E J N S w a e j n
B
( ) The series in parentheses are being developed. Please contact to your local Nichicon sales office when these series are being designed in your application.
CAT.8100V
1mm
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F92
Standard ratings
Rated Rated Volt Capacitance (F) Case code Part Number Leakage Current (A) Disspation *1 ESR Factor C/C (%@120Hz) (@100kHz) (%) Rated Rated Volt Capacitance (F) Case code Part Number Leakage Current (A) Disspation *1 ESR Factor C/C (%@120Hz) (@100kHz) (%)
2.5V
4V
6.3V
22 22 33 33 47 68 100 150 2.2 3.3 4.7 4.7 6.8 10 10 15 22 22 33 33 47 47 68 68 100 150 1 1.5 2.2 3.3 4.7 4.7 6.8 10 10 15 15 22 22 22 33 33 47 47 100
P A P A B B B B P P P A P P A P P A P A A B A B B B P P P P P A P P A P A P A B A B A B B
F920E226MPA F920E226MAA F920E336MPA F920E336MAA F920E476MBA F920E686MBA F920E107MBA F920E157MBA F920G225MPA F920G335MPA F920G475MPA F920G475MAA F920G685MPA F920G106MPA F920G106MAA F920G156MPA F920G226MPA F920G226MAA F920G336MPA F920G336MAA F920G476MAA F920G476MBA F920G686MAA F920G686MBA F920G107MBA F920G157MBA F920J105MPA F920J155MPA F920J225MPA F920J335MPA F920J475MPA F920J475MAA F920J685MPA F920J106MPA F920J106MAA F920J156MPA F920J156MAA F920J226MPA F920J226MAA F920J226MBA F920J336MAA F920J336MBA F920J476MAA F920J476MBA F920J107MBA
0.6 0.6 0.8 0.8 1.2 1.7 2.5 3.8 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.9 0.9 1.3 1.3 1.9 1.9 2.7 2.7 4.0 6.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.9 0.9 1.4 1.4 1.4 2.1 2.1 3.0 3.0 6.3
20 12 20 12 12 12 18 20 8 8 8 6 10 10 8 10 20 12 20 12 18 12 25 18 18 25 8 8 8 8 8 6 10 10 8 10 8 20 12 8 12 12 18 12 20
4.0 2.8 4.0 2.8 1.7 1.5 1.3 1.0 12.0 12.0 6.0 4.0 6.0 6.0 4.0 5.0 5.0 2.8 4.0 2.8 2.8 1.7 2.8 1.5 1.3 1.3 12.0 12.0 12.0 12.0 6.0 4.0 6.0 6.0 4.0 6.0 4.0 5.0 2.8 1.9 2.8 1.7 2.8 1.7 1.3
15 15 15 15 15
10V
16V
20V
25V
35V
1 1.5 1.5 2.2 2.2 3.3 3.3 4.7 4.7 6.8 6.8 10 10 10 15 22 22 33 0.47 0.68 1 1 1.5 1.5 2.2 2.2 3.3 4.7 4.7 6.8 10 10 22 0.22 0.33 0.47 0.47 0.68 1 1 1.5 2.2 2.2 3.3 4.7 0.47 0.68 1 1 1 2.2 2.2 4.7 0.22 0.33 0.47 0.68 1 2.2
P P A P A P A P A P A P A B A A B B P P P A P A P A A A B B A B B P P P A A P A A A B B B A B P A B A B B A A A B A B
F921A105MPA F921A155MPA F921A155MAA F921A225MPA F921A225MAA F921A335MPA F921A335MAA F921A475MPA F921A475MAA F921A685MPA F921A685MAA F921A106MPA F921A106MAA F921A106MBA F921A156MAA F921A226MAA F921A226MBA F921A336MBA F921C474MPA F921C684MPA F921C105MPA F921C105MAA F921C155MPA F921C155MAA F921C225MPA F921C225MAA F921C335MAA F921C475MAA F921C475MBA F921C685MBA F921C106MAA F921C106MBA F921C226MBA F921D224MPA F921D334MPA F921D474MPA F921D474MAA F921D684MAA F921D105MPA F921D105MAA F921D155MAA F921D225MAA F921D225MBA F921D335MBA F921D475MBA F921E474MAA F921E684MBA F921E105MPA F921E105MAA F921E105MBA F921E225MAA F921E225MBA F921E475MBA F921V224MAA F921V334MAA F921V474MAA F921V684MBA F921V105MAA F921V225MBA
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 0.7 1.0 1.0 1.0 1.5 2.2 2.2 3.3 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 1.1 1.6 1.6 3.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 0.9 0.5 0.5 0.5 0.5 0.5 0.6 0.6 1.2 0.5 0.5 0.5 0.5 0.5 0.8
8 8 6 8 6 8 6 8 6 8 6 14 8 6 8 14 8 12 8 8 8 4 8 6 8 6 6 6 6 6 8 6 12 8 8 8 4 4 8 4 6 6 6 6 6 4 4 8 6 4 8 6 6 4 4 4 4 6 6
12.0 12.0 7.4 12.0 7.0 12.0 7.0 6.0 4.0 6.0 4.0 6.0 4.0 2.0 4.0 4.0 1.9 1.9 20.0 12.0 12.0 10.0 12.0 7.4 12.0 7.0 7.0 7.0 3.0 3.0 7.0 2.0 2.0 20.0 20.0 20.0 10.0 10.0 20.0 10.0 7.4 7.0 3.0 3.0 3.0 10.0 4.0 20.0 10.0 4.0 10.0 4.0 3.0 10.0 10.0 10.0 4.0 10.0 4.0
15 15 15 15 10
*1 : C/C
Item
Damp Heat Tempereature cycles Resistance soldering heat Surge Endurance
P Case (%) 20 10 10 10 10
A , B Case(%) 10 5 5 5 10
CAT.8100V


▲Up To Search▲   

 
Price & Availability of F920G476MAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X